Part Number Hot Search : 
KBU15APT IC18F 960T45 29C02 BP5041A PN3563 AT24C64A KBU1002
Product Description
Full Text Search
 

To Download RL151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL151 THRU RL157
GENERAL PURPOSE PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 1.5A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C/10sec/0.375"lead length at 5 lbs tension
DO-15\DO-201AC
MECHANICAL DATA
Terminal:Plated axial leads solderable per MIL-STD 202E, method 208C Case:Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity:color band denotes cathode Mounting position:any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =75C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current Maximum full load reverse current full cycle at TL =75C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =100C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Storage and Operation Junction Temperature Note:
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Cj R(ja) Tstg
RL 151 50 35 50
RL 152 100 70 100
RL 153 200 140 200
RL 154 400 280 400 1.5 60.0 1.1 30.0 5.0 50.0 20.0 50.0 -50 to +175
RL 155 600 420 600
RL 156 800 560 800
RL 157 1000 700 1000
units V V V A A V A A A pF C/W C
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.375"lead length, P.C. Board Mounted Rev.A4 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES RL151 THRU RL157
1
1
Rev.A4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RL151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X